Part Number Hot Search : 
2SC4260 FRD13000 D4235G 1422514C QEC122 C3405 05550 7139A
Product Description
Full Text Search
 

To Download 856244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Features
* * * * * * * Usable bandwidth 60 MHz High Rx attenuation No impedance matching required for operation at 50 Single-ended operation Ceramic Chip Scale Package (CSP) Hermetic RoHS compliant (2002/95/EC), Pb-free Pb
Part Number 856244 1880 MHz SAW Filter
*
Package
Surface Mount 2.00 x 1.50 x 0.76 mm
Pin Configuration
Bottom View
1
2
0.76 NOM. 0.84 MAX. 2.00 1.80
4
3
1.50
1.30 0.42
Pin No. 1 3 2,4
Description Input Output Case ground
0.25x45 CHAMFER
0.56
Dimensions shown are nominal in millimeters All tolerances are 0.10mm Body: Al2O3 ceramic Lid: Kovar or Alloy 42, Au over Ni plated Terminations: Au plating 0.5 - 1.0m, over a 2 - 6m Ni plating
Subject to change or obsolescence without notice
Rev E
05-Oct-2005
Page 1 of 6
Data Sheet
Operating Temperature Range: (2) +25 oC
Part Number 856244 1880 MHz SAW Filter
Electrical Specifications (1)
Parameter (3)
Center Frequency Maximum Insertion Loss 1850 - 1909.4 MHz Passband Variation 1850 - 1909.4 MHz Absolute Attenuation DC - 1770 MHz 1770 - 1825 MHz 1930 - 1990 MHz 1990 - 2500 MHz 2500 - 3820 MHz 3820 - 6000 MHz Input/Output Return Loss 1850 - 1909.4 MHz Optimal Source Impedance (4) Optimal Load Impedance (4) Notes:
1. 2. 3. 4.
Minimum
30 21 38 35 25 15 8 -
Typical
1880 2.8 0.9 34 24 44 45 30 22 10 50 50
Maximum
3.1 1.5 -
Unit
MHz dB dB p-p dB dB dB dB dB dB dB
All specifications are based on the test circuit shown below This specification is valid for room temperature only. The specification over the full temperature range(s) is available on the next page(s) Electrical margin has been built into the design to account for the variations due to manufacturing tolerances This is the optimum impedance in order to achieve the performance shown
Test Circuit:
1 3 50
50 Single-ended
50
2,4
No impedance matching required
Subject to change or obsolescence without notice
Rev E
05-Oct-2005
Page 2 of 6
Data Sheet
Operating Temperature Range: (2) -30 to +85 oC
Part Number 856244 1880 MHz SAW Filter
Electrical Specifications (1)
Parameter (3)
Center Frequency Maximum Insertion Loss 1850 - 1909.4 MHz Passband Variation 1850 - 1909.4 MHz Absolute Attenuation DC - 1770 MHz 1770 - 1825 MHz 1930 - 1990 MHz 1930.625 - 1990 MHz 1990 - 2500 MHz 2500 - 3820 MHz 3820 - 6000 MHz Input/Output Return Loss 1850 - 1909.4 MHz Optimal Source Impedance (4) Optimal Load Impedance (4) Notes:
1. 2. 3. 4.
Minimum
30 14 28 35 35 25 15 8 -
Typical
1880 3.1 0.8 34 20 44 44 45 30 22 10 50 50
Maximum
3.9 2 -
Unit
MHz dB dB p-p dB dB dB dB dB dB dB dB
All specifications are based on the test circuit shown below In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances This is the optimum impedance in order to achieve the performance shown
Test Circuit:
1 3 50
50 Single-ended
50
2,4
No impedance matching required
Subject to change or obsolescence without notice
Rev E
05-Oct-2005
Page 3 of 6
Data Sheet
Part Number 856244 1880 MHz SAW Filter
Typical Performance (at +25oC)
Subject to change or obsolescence without notice
Rev E
05-Oct-2005
Page 4 of 6
Data Sheet
Part Number 856244 1880 MHz SAW Filter
Matching Schematics
1 3 50
50 Single-ended
50
2,4
No impedance matching required
Marking
Marking code MFG site
PCB Footprint
8M WWY
ID dot Date code
0.31x45 CHAMFER
1.50 0.62 0.76 2.00
The date code consists of: WW = 2 digit week, Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only Dimensions shown are nominal in millimeters
Tape and Reel
2.7 8.8 O330 ID dot
4.0 0.3 2.0
O1.5
A
1.75
2.34
O102 O20.2 O13.0 Direction of travel 2.0
3.5 8.0 4.0 O1.0
1.09 Section A-A
1.83
A
Dimensions shown are nominal in millimeters Packaging quantity: 10000 units/reel
Subject to change or obsolescence without notice
Rev E
05-Oct-2005
Page 5 of 6
Data Sheet
Maximum Ratings
Parameter
Operating Temperature Range Storage Temperature Range
Part Number 856244 1880 MHz SAW Filter
Symbol
T Tstg
Minimum
-30 -40
Maximum
+85 +85
Unit
o o
C C
Important Notes
Warnings
* * * * Electrostatic Sensitive Device (ESD) Avoid ultrasonic exposure
RoHS Compliance
This product complies with EU directive 2002/95/EC (RoHS)
Pb
Solderability
Compatible with JEDEC J-STD-020C Pb-free process, 260C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips S-Parameters Qualification Flowchart RoHS information Soldering Profile Other Technical Information
Sawtek's liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for applications, processes, circuits or assemblies, which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501 Orlando, FL 32860-9501 USA
Subject to change or obsolescence without notice
Phone: +1 (407) 886-8860 Fax: +1 (407) 886-7061 Email: custservice@sawtek.com Web: www.sawtek.com
Rev E
Or contact one of our worldwide Network of sales offices, representatives or distributors
05-Oct-2005
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of 856244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X